PART |
Description |
Maker |
BAV21WS BAV19WS BAV20WS-TP |
250mW Small Signal Diodes 120 to 250 Volts DIODE GP 200V 200MA SOD323 0.2 A, 200 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAV21W |
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
|
Rectron Semiconductor
|
BS108ZL1G |
Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level 250 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
ON Semiconductor
|
1N914BWS 1N4148WS |
Small Signal Diode; Package: SOD-323F; No of Pins: 2; Container: Tape & Reel 0.15 A, 100 V, SILICON, SIGNAL DIODE Small Signal Diodes
|
Fairchild Semiconductor, Corp.
|
CMUT3906TR CMUT3904BK |
200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
CENTRAL SEMICONDUCTOR CORP
|
BAS70WFILM BAS70JFILM BAS70-04WFILM BAS70-06WFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x8; Speed: 55 ns 2K x 8 Automotive Dual-port Static RAM
|
ST Microelectronics STMicroelectronics
|
BZX84C18LT1 BZX84C18LT3 BZX84C36LT1 BZX84C36LT3 BZ |
From old datasheet system Small Signal 5% 20V Small Signal 5% 15V Small Signal 5% 13V Zener Zener Diode MINIBLOC Small Signal 5% 8.2V Zener NP Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 5% 9.1V Small Signal 4.7V Small Signal 5% 7.5V Small Signal 5% 5.1V Zener Voltage Regulators 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 6.2 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 10 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 7.5 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 51 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
SP0610LE-6288 BSS129E-6325 BSS149E-6288 |
180 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 350 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
RGP10D |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, PLASTIC, DO-41, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
BAW74 BAW74D87Z |
High Conductance Fast Diode Small Signal Diode 0.2 A, 50 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
|